Part Number Hot Search : 
UR202 Z4473M00 S123U025 X84C39 UPD75 M301107 4ALVC LOU5020
Product Description
Full Text Search
 

To Download 2SA957 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA957 2SA958
DESCRIPTION *With TO-220 package *High breakdown voltage *High power dissipation APPLICATIONS *For general purpose applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25)
SYMBOL PARAMETER 2SA957 VCBO Collector-base voltage 2SA958 2SA957 VCEO Collector-emitter voltage 2SA958 VEBO IC IB
B
CONDITIONS
VALUE -150
UNIT
Open emitter -200 -150 Open base -200 Open collector -6 -2.0 -1.0 TC=25 30 150 -55~150
V
V
Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature
V A A W
PT Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER 2SA957 VCEO(BR) Collector-emitter breakdown voltage 2SA958 VCEsat Collector-emitter saturation voltage 2SA957 ICBO Collector cut-off current 2SA958 IEBO hFE fT Emitter cut-off current DC current gain Transition frequency VCB=-200V; IE=0 VEB=-6V; IC=0 IC=-0.7A ; VCE=-10V IC=-0.2A ; VCE=-12V IC=-0.7A; IB=-0.07A VCB=-150V; IE=0 IC=-25mA ,IB=0 CONDITIONS
2SA957 2SA958
MIN -150
TYP.
MAX
UNIT
V -200 -1.5 V
-100
A
-1.0 40 20
mA
MHz
Switching times resistive load tr ts tf Rise time Storage time Fall time IC=-1.0A IB1=- IB2=-0.1A RL=20;VCC=-20V 0.4 1.5 0.5 s s s
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA957 2SA958
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA957

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X